|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HT200207 Issued Date : 2002.04.01 Revised Date : 2004.10.01 Page No. : 1/4 HT117 PNP EPITAXIAL PLANAR TRANSISTOR Description The HT117 is designed for use in general purpose amplifier and low-speed switching applications. TO-126 Darlington Schematic C Absolute Maximum Ratings (TA=25C) * Maximum Temperatures Storage Temperature ................................................................... -55 ~ +150 C Junction Temperature .......................................................... +150 C Maximum B R1 R2 E * Maximum Power Dissipation Total Power Dissipation (TC=25C) .................................................................................................................... 10 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage...................................................................................................................... -100 V BVCEO Collector to Emitter Voltage................................................................................................................... -100 V BVEBO Emitter to Base Voltage............................................................................................................................. -5 V IC Collector Current (Continue) ............................................................................................................................ -4 A IC Collector Current (Peak) .................................................................................................................................. -6 A Electrical Characteristics (TA=25C) Symbol BVCBO BVCEO ICBO ICEO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 Cob Min. -100 -100 1 500 Typ. Max. -1 -2 -2 -2.5 -2.8 200 pF Unit V V mA mA mA V V K IC=-1mA IC=-30mA VCB=-100V VCE=-50V VEB=-5V IC=-2A, IB=-8mA IC=-2A, VCE=-4V IC=-1A, VCE=-4V IC=-2A, VCE=-4V VCB=-10V, f=0.1MHz *Pulse Test: Pulse Width 380us, Duty Cycle2% Test Conditions HT117 HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Characteristics Curve Current Gain & Collector Current 100000 75 C 10000 o Spec. No. : HT200207 Issued Date : 2002.04.01 Revised Date : 2004.10.01 Page No. : 2/4 Saturation Voltage & Collcetor Current 10000 Saturation Voltage (mV) 1000 hFE 125 C 100 o 75 C 1000 o 25 C o 25 C o 125 C o 10 hFE @ VCE=4V 1 1 10 100 1000 10000 100 100 VCE(sat) @ IC=250IB 1000 10000 Collector Current IC (mA) Collector Current IC (mA) ON Voltage & Collector Current 10000 10 Switching Time & Collector Current VCC=30V, IC=250IB1= -250IB2 25 C 1000 125 C o o 75 C o Switching Time (us) ON Voltage (mV) Tstg 1 Tf Ton VBE(ON) @ VCE=4V 100 1 10 100 1000 10000 0.1 1 10 Collector Current IC (mA) Collector Current-IC (A) Capacitance & Revierse-Biased Voltage 1000 10 Safe Operating Area PT=1ms Collector Current-IC (A) Capacitance (pF) 1 PT=1s 100 Cob 0.1 PT=100ms 10 0.1 1 10 100 0.01 1 10 100 Reverse-Biased Voltage (V) Forward Voltage-VCE (V) HT117 HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. TO-126 Dimension D E A H 117 T Spec. No. : HT200207 Issued Date : 2002.04.01 Revised Date : 2004.10.01 Page No. : 3/4 I J K M Marking: Pb Free Mark Pb-Free: " . " (Note) Normal: None B 123 G C a1 a1 Date Code Control Code Note: Green label is used for pb-free packing Pin Style: 1.Emitter 2.Collector 3.Base Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 DIM A B C D E F G H I J K L M a1 Min. 3.81 6.99 13.50 7.52 0.95 0.71 1.22 4.34 2.41 1.14 1.14 3.50 - Max. 3.91 7.09 15.50 7.72 1.05 0.81 1.32 4.80 2.66 1.39 1.39 *0.55 3.86 *3 *: Typical, Unit: mm F H a1 a1 L 3-Lead TO-126 Plastic Package HSMC Package Code: T Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: * Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HT117 HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Soldering Methods for HSMC's Products 1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile tP TP Ramp-up TL Tsmax Temperature tL Spec. No. : HT200207 Issued Date : 2002.04.01 Revised Date : 2004.10.01 Page No. : 4/4 Critical Zone TL to TP Tsmin tS Preheat Ramp-down 25 t 25oC to Peak Time Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices. Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes o o o Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes Peak temperature 245 C 5 C o o Dipping time 5sec 1sec 5sec 1sec 260 C +0/-5 C o o HT117 HSMC Product Specification |
Price & Availability of HT117 |